Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 20Page - STMicroelectronics LED5000 Datasheet HTML 21Page - STMicroelectronics LED5000 Datasheet HTML 22Page - STMicroelectronics LED5000 Datasheet HTML 23Page - STMicroelectronics LED5000 Datasheet HTML 24Page - STMicroelectronics LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Application notes - buck conversion
LED5000
24/51
Doc ID 023951 Rev 1
The LED ripple current can be calculated as the inductor ripple current ratio flowing into the
output impedance using the Laplace transform (see
Figure 11):
Equation 27
where the term 8/
π2 represents the main harmonic of the inductor current ripple (which has
a triangular shape) and
ΔI
L is the inductor current ripple.
Equation 28
so L value can be calculated as:
Equation 29
where TOFF is the OFF time of the embedded high switch, given by 1-D.
As a consequence the lower is the inductor value (so higher the current ripple), the higher
would be the COUT value to meet the specification.
A general rule to dimension L value is:
Equation 30
Finally the required output capacitor value can be calculated equalizing the LED current
ripple specification with the module of the Fourier transformer (see
Equation 27) calculated
at fSW frequency.
Equation 31
Example (see
Chapter 5.6):
VIN=48 V, ILED=700 mA,
Δ
ILED/ILED=2%, VFW_LED=3.7 V, nLED=10
A lower inductor value maximizes the inductor current slew rate for better dimming
performance.
Equation 30 becomes:
I
RIPPLE s
()
Δ
8
π
2
-----
ΔI
L
1s
ESR
C
OUT
⋅⋅
+
()
⋅⋅
1s
R
S
ESR
n
LED
R
LED
⋅
++
() C
OUT
⋅⋅
+
-------------------------------------------------------------------------------------------------------------------
=
ΔI
L
V
OUT
L
--------------
T
OFF
⋅
n
LED
V
FW_LED
200mV
+
⋅
L
---------------------------------------------------------------------
T
OFF
⋅
==
ΔI
L
I
LED
----------- 0.5
≤
I
RIPPLE s=j
ω
⋅
()
Δ
I
RIPPLE_SPEC
Δ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com