Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 12Page - STMicroelectronics LED5000 Datasheet HTML 13Page - STMicroelectronics LED5000 Datasheet HTML 14Page - STMicroelectronics LED5000 Datasheet HTML 15Page - STMicroelectronics LED5000 Datasheet HTML 16Page - STMicroelectronics LED5000 Datasheet HTML 17Page - STMicroelectronics LED5000 Datasheet HTML 18Page - STMicroelectronics LED5000 Datasheet HTML 19Page - STMicroelectronics LED5000 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Application notes - buck conversion
LED5000
16/51
Doc ID 023951 Rev 1
5.4
LED small signal model
Once the system reaches the working condition the LEDs composing the row are biased
and their equivalent circuit can be considered as a resistor for frequencies << 1 MHz.
The LED manufacturer typically provides the equivalent dynamic resistance of the LED
biased at different DC current. This parameter is required to study the behavior of the
system in the small signal analysis.
For instance, the equivalent dynamic resistance of Luxeon III Star from Lumiled measured
with different biasing current levels is reported below:
In case the LED datasheet does not provide the equivalent resistor value, it can be easily
derived as the tangent to the diode I-V characteristic in the present working point (see
Figure 8).
Figure 8.
Equivalent series resistor
Figure 9 shows the equivalent circuit of the LED constant current generator.
The equivalent loading resistor in the LEDs working point is:
Equation 12
r
LED
1.3
Ω
I
LED
350mA
=
0.9
Ω
I
LED
700mA
=
⎩
⎨
⎧
AM13492v1
1
0.1
1
2
3
[V]
4
[A]
working point
R
LOAD
n
LED
r
LED
R
SENSE
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com