Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 30 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics LED5000 Datasheet HTML 30Page - STMicroelectronics LED5000 Datasheet HTML 31Page - STMicroelectronics LED5000 Datasheet HTML 32Page - STMicroelectronics LED5000 Datasheet HTML 33Page - STMicroelectronics LED5000 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Application notes - buck conversion
LED5000
30/51
Doc ID 023951 Rev 1
Equation 45
where DCRL is the series resistance of the inductor and VFWDIODE is the forward voltage
drop across the external rectifying diode.
The pulse-by-pulse current limitation is effective to implement constant current protection
when:
Equation 46
From
Equation 44 and Equation 45 we can gather that the implementation of the constant
current protection becomes more critical the lower is the VOUT and the higher is VIN.
In fact, in short-circuit condition the voltage applied to the inductor during the OFF time
becomes equal to the voltage drop across parasitic components (typically the DCR of the
inductor and the forward voltage of the diode) since VOUT is negligible, while during TON the
voltage applied the inductor is maximized and it is approximately equal to VIN.
In general the worst case scenario is heavy short-circuit at the output with maximum input
voltage. The
Equation 44 and Equation 45 in overcurrent conditions can be simplified to:
Equation 47
considering TON that has been already reduced to its minimum.
Equation 48
where TSW=1/fSW considering the nominal fSW.
At high input voltage
ΔI
L TON could be higher than
ΔI
L TOFF and so the inductor current could
escalate. As a consequence, the system typically meets the
Equation 46 at a current level
higher than the nominal value thanks to the increased voltage drop across stray
components. In most application conditions the pulse-by-pulse current limitation is effective
to limit the inductor current. Whenever the current escalates, a second level current
protection called “hiccup mode” is enabled. The hiccup protection offers an additional
protection against heavy short-circuit condition at very high input voltage even considering
the spread of the minimum conduction time of the power element. In case the hiccup current
level (6.2 A typical) is triggered the switching activity is prevented for 16 msec typ. (see
hiccup time in
Table 5: Electrical characteristics).
Figure 19 shows the operation of the constant current protection when a short-circuit is
applied at the output at the maximum input voltage.
I
L TON
Δ
V
OUT
DCR
L
IV
FW DIODE
+
⋅
+
()
–
L
---------------------------------------------------------------------------------------- T
OFF
()
=
I
L TON
Δ
I
L TOFF
Δ
=
I
L TON
Δ
V
IN
DCR
L
R
DSON HS
+
() I
⋅
–
L
--------------------------------------------------------------------------- T
ON MIN
()
V
IN
L
--------- 90ns
()
≅
=
I
L TOFF
Δ
DCR
L
I
⋅
V
FW DIODE
+
()
–
L
------------------------------------------------------------------- T
SW
90ns
–
()
DCR
L
I
⋅
V
FW DIODE
+
()
–
L
------------------------------------------------------------------- 1.18
μs
()
≅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com