Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 8Page - STMicroelectronics LED5000 Datasheet HTML 9Page - STMicroelectronics LED5000 Datasheet HTML 10Page - STMicroelectronics LED5000 Datasheet HTML 11Page - STMicroelectronics LED5000 Datasheet HTML 12Page - STMicroelectronics LED5000 Datasheet HTML 13Page - STMicroelectronics LED5000 Datasheet HTML 14Page - STMicroelectronics LED5000 Datasheet HTML 15Page - STMicroelectronics LED5000 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Functional description
LED5000
12/51
Doc ID 023951 Rev 1
During normal operation a new soft-start cycle takes place in case of:
●
thermal shutdown event
●
UVLO event
The soft-start is disabled during the dimming operation to maximize the dimming
performance.
4.4
Dimming block
The DIM input features the LED brightness control with the PWM dimming operation (see
Chapter 5.8).
4.5
Inhibit block
The inhibit block features the standby mode accordingly with
Table 5: Electrical
characteristics. The INH pin high level disables the device so the power consumption is
reduced to less than 40 µA. The INH pin is 5 V tolerant.
4.6
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
reference (200 mV), while the inverting input (FB) is connected to the output current sensing
resistor.
The error amplifier output is compared with the inductor current sense information to
perform PWM control.
4.7
Thermal shutdown
The shutdown block generates a signal that disables the power stage if the temperature of
the chip goes higher than a fixed internal threshold (150±10 °C typical). The sensing
element of the chip is close to the PDMOS area, ensuring fast and accurate temperature
detection. A 15 °C typical hysteresis prevents the device from turning ON and OFF
continuously during the protection operation.
Table 6.
Uncompensated error amplifier characteristics
Description
Values
Transconductance
2200 µS
Low frequency gain
90 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com