Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 31Page - STMicroelectronics LED5000 Datasheet HTML 32Page - STMicroelectronics LED5000 Datasheet HTML 33Page - STMicroelectronics LED5000 Datasheet HTML 34Page - STMicroelectronics LED5000 Datasheet HTML 35Page - STMicroelectronics LED5000 Datasheet HTML 36Page - STMicroelectronics LED5000 Datasheet HTML 37Page - STMicroelectronics LED5000 Datasheet HTML 38Page - STMicroelectronics LED5000 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LED5000
Application notes - alternative topologies
Doc ID 023951 Rev 1
35/51
Since the maximum operating voltage of the LED5000 is 48 V, according to
Equation 51 the
maximum input voltage of the application is 48-18.7=29.3 V
The output voltage is given by:
Equation 52
where the ideal duty cycle DIDEAL for the buck-boost converter is:
Equation 53
However, due to power losses (mainly switching and conduction losses), the real duty cycle
is always higher than this. The real value (which can be measured in the application) should
be used in the following formulas.
The peak current flowing in the embedded switch is:
Equation 54
while its average current level is equal to:
Equation 55
This is due to the fact that the current flowing through the internal power switch is delivered
to the output only during the OFF phase.
The switch peak current must be lower than the minimum current limit of the overcurrent
protection (see
Section Table 5.: Electrical characteristics for details) while the average
current must be lower than the rated DC current of the device.
As a consequence, the maximum output current is:
Equation 56
where ISW MAX represents the rated current of the device.
The current capability is reduced by the term (1-DREAL) and so, for example, with a duty
cycle of 0.5, and considering an average current through the switch of 3 A, the maximum
output current deliverable to the load is 1.5 A.
The
Figure 24 shows the schematic circuit for an LED current source based on inverting
buck-boost topology. The input voltage ranges from 10 to 26 V and it can drive a string
composed of 10 LEDs with1 A DC.
V
OUT
V
IN
–
D
IDEAL
1D
IDEAL
–
----------------------------
⋅
=
D
IDEAL
V
–
OUT
V
IN
V
OUT
–
------------------------------
=
I
SW
I
LOAD
1D
REAL
–
---------------------------
I
RIPPLE
2
--------------------
+
I
LOAD
1D
REAL
–
---------------------------
V
IN
2L
⋅
-------------
D
f
SW
---------
⋅
+
==
I
SW
I
LOAD
1D
REAL
–
---------------------------
=
I
LOAD MAX
I
SW MAX
1D
REAL
–
()
⋅
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com