Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 23Page - STMicroelectronics LED5000 Datasheet HTML 24Page - STMicroelectronics LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics LED5000 Datasheet HTML 30Page - STMicroelectronics LED5000 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
27/51
The input and output loops are minimized to avoid radiation and high frequency resonance
problems. The feedback pin to the sensing resistor path must be designed as short as
possible to avoid pick-up noise. Another important issue is the ground plane of the board.
Since the package has an exposed pad, it is very important to connect it to an extended
ground plane in order to reduce the thermal resistance junction-to-ambient and increase the
noise immunity during the switching operation.
In addition, to increase the design noise immunity, different signal and power grounds
should be designed in the layout (see
Chapter 5.13: Application circuit). The signal ground
serves the small signal components, the device analog ground pin, the exposed pad and a
small filtering capacitor connected to the VCC pin. The power ground serves the device
ground pin and the input filter. The different grounds are connected underneath the output
capacitor. Neglecting the current ripple contribution, the current flowing through this
component is constant during the switching activity and so this is the cleanest ground point
of the buck application circuit.
Figure 17.
Layout example
5.11
Thermal considerations
The dissipated power of the device is tied to three different sources:
●
Conduction losses due to the RDSON, which are equal to:
Equation 37
Where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT (nLED∗VLED + 200 mV) and VIN, but in practice it is substantially
AM13501v1
P
ON
R
RDSON_HS
I
OUT
()
⋅
2
D
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com