Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 19Page - STMicroelectronics LED5000 Datasheet HTML 20Page - STMicroelectronics LED5000 Datasheet HTML 21Page - STMicroelectronics LED5000 Datasheet HTML 22Page - STMicroelectronics LED5000 Datasheet HTML 23Page - STMicroelectronics LED5000 Datasheet HTML 24Page - STMicroelectronics LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
23/51
the external power components and the compensation network are selected, a direct
measurement to determine TRISE, TFALL (see Equation 24) is necessary to certify the
achieved dimming performance.
5.9
Component selection
5.9.1
Sensing resistor
In closed loop operation the LED5000 feedback pin voltage is 200 mV, so the sensing
resistor calculation is expressed as:
Equation 26
Since the main loop (see
Chapter 5.1) regulates the sensing resistor voltage drop, the
average current is regulated into the LEDs. The integration period is at minimum 5*TSW
since the system bandwidth can be dimensioned up to fSW/5 at maximum.
A system loop based on a peak current mode architecture features consistent advantages in
comparison with simpler closed loop regulation schemes like the hysteretic or the constant
ON/OFF control.
The system performs the output current regulation over a period which is at least five times
longer than the switching frequency. The output current regulation neglects the ripple
current contribution and its reliance on external parameters like input voltage and output
voltage variations (line transient and LED forward voltage spread). This performance can
not be achieved with simpler regulation loops like hysteretic control.
For the same reason, the switching frequency is constant over the application conditions,
that helps to tune the EMI filtering and to guarantee the maximum LED current ripple
specification in the application range. This performance cannot be achieved using constant
ON/OFF time architectures.
5.9.2
Inductor and output capacitor selection
The output capacitor filters the inductor current ripple that, given the application condition,
depends on the inductor value. As a consequence the LED current ripple, that is the main
specification for a switching current source, depends on the inductor and output capacitor
selection.
Figure 16.
Equivalent circuit
R
S
200 mV
I
LED
---------------------
=
DCR
DCR
DCR
DCR
COUT
COUT
Rs
Rs
VIN
VIN
LL
ESR
ESR
Rd1
Rd1
VIN
VIN
LL
ESR
ESR
Dled1
Dled1
D
D
COUT
COUT
D
D
Rs
Rs
Rdn
Rdn
Dledn
Dledn
AM13500v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com