Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 36Page - STMicroelectronics LED5000 Datasheet HTML 37Page - STMicroelectronics LED5000 Datasheet HTML 38Page - STMicroelectronics LED5000 Datasheet HTML 39Page - STMicroelectronics LED5000 Datasheet HTML 40Page - STMicroelectronics LED5000 Datasheet HTML 41Page - STMicroelectronics LED5000 Datasheet HTML 42Page - STMicroelectronics LED5000 Datasheet HTML 43Page - STMicroelectronics LED5000 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Application notes - alternative topologies
LED5000
40/51
Doc ID 023951 Rev 1
In case of open row, the positive output voltage tends to diverge, exceeding the D3
maximum reverse voltage and so the diode would be damaged. The overvoltage protection
limits VOUT and it protects the power components in case of load disconnection.
The network D4, R8 implements a level shifter to drive the gate of the transistor Q1. The
voltage at Q1 is:
Equation 64
Considering the VIN range 18 to 30 V:
Equation 65
the gate is driven inside the component specification. R8 can be dimensioned to discharge
the gate when VSW is low.
In case the input voltage range of the application is not suitable to implement a level shifter
to drive Q1, a dissipative clamping network (like R5, D6) must be used.
To design the compensation network for the positive buck-boost topology please refer to
paragraph
Chapter 6.4: Compensation network design for alternative topologies.
6.3
Floating boost
The floating boost topology (see
Figure 30) serves those applications with an input voltage
range narrower than the output voltage, that is the voltage drop across the LEDs and the
sensing resistor (i.e. VIN < VOUT). The topology is called floating since the output voltage is
referred to VIN and not GND, but this is typically suitable for a floating load like a string of
LEDs.
Figure 30.
Floating boost
The device is supplied by the output voltage so the maximum voltage drop across the LEDs
string is 48 V. The direct path of the boost conversion (COUT, VDIODE, L) guarantees the
proper startup when the input voltage is:
V
Q1 GATE
V
SW
V
DZ4
–
V
SW
15V
–
==
V
Q1 GATE MIN
V
SW
V
DZ4
–
18V
15V
–
3V
==
=
V
Q1 GATE MAX
V
SW
V
DZ4
–
30V
16V
–
15V
==
=
VREF
VCC
LX
GND
VIN
AM13514v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com