Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 22Page - STMicroelectronics LED5000 Datasheet HTML 23Page - STMicroelectronics LED5000 Datasheet HTML 24Page - STMicroelectronics LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics LED5000 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Application notes - buck conversion
LED5000
26/51
Doc ID 023951 Rev 1
Equation 35
Where VF is the free wheeling diode forward voltage and VSW the voltage drop across the
internal PDMOS. Considering the range DMIN to DMAX, it is possible to determine the max
IRMS going through the input capacitor. Capacitors that can be considered are:
●
Electrolytic capacitors:
These are widely used due to their low price and their availability in a wide range of RMS
current ratings.
The only drawback is that, considering ripple current rating requirements, they are physically
larger than other capacitors.
●
Ceramic capacitors:
If available for the required value and voltage rating, these capacitors usually have a higher
RMS current rating for a given physical dimension (due to very low ESR).
The drawback is the considerably high cost.
●
Tantalum capacitors:
Small tantalum capacitors with very low ESR are becoming more available. However, they
can occasionally burn if subjected to very high current during charge.
Therefore, it is suggested to avoid this type of capacitor for the input filter of the device as
they could be stressed by an high surge current when connected to the power supply.
In case the selected capacitor is ceramic (so neglecting the ESR contribution), the input
voltage ripple can be calculated as:
Equation 36
5.10
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
High impedance paths (in particular the feedback connections) are susceptible to
interference, so they should be as far as possible from the high current paths. A layout
example is provided in
Figure 17.
Table 8.
List of ceramic capacitors for the LED5000
Manufacturer
Series
Capacitor value (µ)
Rated voltage (V)
Taiyo Yuden
UMK325BJ106MM-T
10
50
Murata
GRM42-2 X7R 475K 50
4.7
50
D
MIN
V
OUT
V
F
+
V
INMAX
V
SW
–
--------------------------------------
=
V
IN PP
I
O
C
IN
f
SW
⋅
--------------------------
1
D
η
----
–
⎝⎠
⎛⎞ D
⋅
D
η
----
1D
–
()
⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com