Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 37 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 33Page - STMicroelectronics LED5000 Datasheet HTML 34Page - STMicroelectronics LED5000 Datasheet HTML 35Page - STMicroelectronics LED5000 Datasheet HTML 36Page - STMicroelectronics LED5000 Datasheet HTML 37Page - STMicroelectronics LED5000 Datasheet HTML 38Page - STMicroelectronics LED5000 Datasheet HTML 39Page - STMicroelectronics LED5000 Datasheet HTML 40Page - STMicroelectronics LED5000 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LED5000
Application notes - alternative topologies
Doc ID 023951 Rev 1
37/51
Equation 57
R1 must be dimensioned to limit the D1 rated power so it is an inexpensive small signal
Zener diode.
The overvoltage protection plays an important role for the inverting buck-boost topology. In
fact, in case of open row, the output voltage tends to diverge thus exceeding the input
voltage absolute maximum rate and the device would be damaged (see
Equation 50). The
overvoltage protection limits VOUT and thereby it protects the device in case of load
disconnection.
To design the compensation network for the inverting buck-boost topology please refer to
paragraph
Chapter 6.4: Compensation network design for alternative topologies.
Figure 26.
Inverting BB PCB layout (component side)
Figure 27.
Inverting BB PCB layout (bottom side)
V
OUT
V
FB
V
ZENER_DIODE
+
=
I
ZENER_DIODE
V
FB
R
S
R
1
+
---------------------
=
AM13510v1
AM13511v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com