Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 21Page - STMicroelectronics LED5000 Datasheet HTML 22Page - STMicroelectronics LED5000 Datasheet HTML 23Page - STMicroelectronics LED5000 Datasheet HTML 24Page - STMicroelectronics LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
25/51
Equation 32
which is satisfied selecting a10
μH inductor value.
The output capacitor value has to be dimensioned according to
Equation 31
Finally, given the selected inductor value, a 1
μF ceramic capacitor value keeps the LED
current ripple ratio lower than the 2% of the nominal current. An output ceramic capacitor
type (negligible ESR) is suggested to minimize the ripple contribution given a fixed capacitor
value.
5.9.3
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor has
to absorb all this switching current, whose RMS value can be up to the load current divided
by two (worst case, with duty cycle of 50%). For this reason, the quality of these capacitors
has to be very high to minimize the power dissipation generated by the internal ESR,
thereby improving system reliability and efficiency. The critical parameter is usually the RMS
current rating, which must be higher than the RMS current flowing through the capacitor.
The maximum RMS input current (flowing through the input capacitor) is:
Equation 33
Where
ηis the expected system efficiency, D is the duty cycle and IO is the output DC
current. Considering
η= 1 this function reaches its maximum value at D = 0.5 and the
equivalent RMS current is equal to IO divided by 2. The maximum and minimum duty cycles
are:
Equation 34
and
Table 7.
Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Wurth Elektronik
WE-HCI 7040
1 to 4.7
20 to 7
WE-HCI 7050
4.9 to 10
20 to 4.0
Coilcraft
XPL 7030
2.2 to 10
29 to 7.2
ΔI
L
I
LED
-----------
0.5
=
I
RMS
I
O
D
2D
2
⋅
η
-----------------
–
D
2
η
2
-------
+
⋅
=
D
MAX
V
OUT
V
F
+
V
INMIN
V
SW
–
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com