Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED5000 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 15Page - STMicroelectronics LED5000 Datasheet HTML 16Page - STMicroelectronics LED5000 Datasheet HTML 17Page - STMicroelectronics LED5000 Datasheet HTML 18Page - STMicroelectronics LED5000 Datasheet HTML 19Page - STMicroelectronics LED5000 Datasheet HTML 20Page - STMicroelectronics LED5000 Datasheet HTML 21Page - STMicroelectronics LED5000 Datasheet HTML 22Page - STMicroelectronics LED5000 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
19/51
Equation 21
The gain and phase margin bode diagrams are plotted, respectively, in
Figure 10 and
Figure 11.
Figure 10.
Module plot
Figure 11.
Phase plot
R
C
47 k
Ω
=
C
C
680 pF
=
C
C
12 pF
=
AM13494v1
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
30
17
4
9
22
35
48
61
74
87
100
External loop module
Frequency [Hz]
0.1
1
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
0
22.5
45
67.5
90
112.5
135
157.5
180
External loop gain phase
AM13495v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com