Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32FVZPIP Datasheet(PDF) 59 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 59 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 55Page - Winbond W25Q32FVZPIP Datasheet HTML 56Page - Winbond W25Q32FVZPIP Datasheet HTML 57Page - Winbond W25Q32FVZPIP Datasheet HTML 58Page - Winbond W25Q32FVZPIP Datasheet HTML 59Page - Winbond W25Q32FVZPIP Datasheet HTML 60Page - Winbond W25Q32FVZPIP Datasheet HTML 61Page - Winbond W25Q32FVZPIP Datasheet HTML 62Page - Winbond W25Q32FVZPIP Datasheet HTML 63Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
W25Q32FV
Publication Release Date: Sept 16,, 2013
- 58 -
Revision H
8.2.22
Erase / Program Resume (7Ah)
The Erase/Program Resume instruction “7Ah” must be written to resume the Sector or Block Erase
operation or the Page Program operation after an Erase/Program Suspend. The Resume instruction “7Ah”
will be accepted by the device only if the SUS bit in the Status Register equals to 1 and the BUSY bit
equals to 0. After issued the SUS bit will be cleared from 1 to 0 immediately, the BUSY bit will be set from
0 to 1 within 200ns and the Sector or Block will complete the erase operation or the page will complete the
program operation. If the SUS bit equals to 0 or the BUSY bit equals to 1, the Resume instruction “7Ah”
will be ignored by the device. The Erase/Program Resume instruction sequence is shown in Figure 36a &
36b.
Resume instruction is ignored if the previous Erase/Program Suspend operation was interrupted by
unexpected power off. It is also required that a subsequent Erase/Program Suspend instruction not to be
issued within a minimum of time of “tSUS” following a previous Resume instruction.
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (7Ah)
Mode 0
Mode 3
Resume previously
suspended Program or
Erase
Figure 36a. Erase/Program Resume Instruction (SPI Mode)
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
7Ah
Instruction
Mode 0
Mode 3
Resume previously
suspended Program or
Erase
Figure 36b. Erase/Program Resume Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com