Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32FVZPIP Datasheet(PDF) 90 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 90 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 86Page - Winbond W25Q32FVZPIP Datasheet HTML 87Page - Winbond W25Q32FVZPIP Datasheet HTML 88Page - Winbond W25Q32FVZPIP Datasheet HTML 89Page - Winbond W25Q32FVZPIP Datasheet HTML 90Page - Winbond W25Q32FVZPIP Datasheet HTML 91Page - Winbond W25Q32FVZPIP Datasheet HTML 92Page - Winbond W25Q32FVZPIP Datasheet HTML 93Page - Winbond W25Q32FVZPIP Datasheet HTML 94Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
W25Q32FV
- 89 -
10.3 8-Pad WSON 6x5-mm (Package Code ZP)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.35
0.40
0.48
0.014
0.016
0.019
C
---
0.20 REF
---
---
0.008 REF
---
D
5.90
6.00
6.10
0.232
0.236
0.240
D2
3.35
3.40
3.45
0.132
0.134
0.136
E
4.90
5.00
5.10
0.193
0.197
0.201
E2
4.25
4.30
4.35
0.167
0.169
0.171
e
1.27 BSC
0.050 BSC
L
0.55
0.60
0.65
0.022
0.024
0.026
y
0.00
---
0.075
0.000
---
0.003
Note:
1.The metal pad area on the bottom center of the package is not connected to any internal electrical signals. It can be left floating or
connected to the device ground (GND pin). Avoid placement of exposed PCB vias under the pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com