Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q32FVZPIP Datasheet(PDF) 17 Page - Winbond

Part # W25Q32FVZPIP
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVZPIP Datasheet(HTML) 17 Page - Winbond

Back Button W25Q32FVZPIP Datasheet HTML 13Page - Winbond W25Q32FVZPIP Datasheet HTML 14Page - Winbond W25Q32FVZPIP Datasheet HTML 15Page - Winbond W25Q32FVZPIP Datasheet HTML 16Page - Winbond W25Q32FVZPIP Datasheet HTML 17Page - Winbond W25Q32FVZPIP Datasheet HTML 18Page - Winbond W25Q32FVZPIP Datasheet HTML 19Page - Winbond W25Q32FVZPIP Datasheet HTML 20Page - Winbond W25Q32FVZPIP Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
W25Q32FV
Publication Release Date: Sept 16,, 2013
- 16 -
Revision H
7.
STATUS AND CONFIGURATION REGISTERS
Three Status and Configuration Registers are provided for W25Q32FV. The Read Status Register-1/2/3
instructions can be used to provide status on the availability of the flash memory array, whether the
device is write enabled or disabled, the state of write protection, Quad SPI setting, Security Register lock
status,
Erase/Program Suspend status, output driver strength, power-up and current Address Mode.
The Write Status Register instruction can be used to configure the device write protection features, Quad
SPI setting,
Security Register OTP locks, Hold/Reset functions, output driver strength and power-up
Address Mode. Write access to the Status Register is controlled by the state of the non-volatile Status
Register Protect bits (SRP0, SRP1), the Write Enable instruction, and during Standard/Dual SPI
operations, the /WP pin.
7.1
Status Registers
Figure 4a. Status Register-1
7.1.1
Erase/Write In Progress (BUSY) – Status Only
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a
Page Program, Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register or
Erase/Program Security Register instruction. During this time the device will ignore further instructions
except for the Read Status Register and Erase/Program Suspend instruction (see tW, tPP, tSE, tBE, and
tCE in AC Characteristics). When the program, erase or write status/security register instruction has
completed, the BUSY bit will be cleared to a 0 state indicating the device is ready for further instructions.
7.1.2
Write Enable Latch (WEL) – Status Only
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to 1 after executing a
Write Enable Instruction. The WEL status bit is cleared to 0 when the device is write disabled. A write
disable state occurs upon power-up or after any of the following instructions: Write Disable, Page
Program, Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Erase
Security Register and Program Security Register.
7.1.3
Block Protect Bits (BP2, BP1, BP0) – Volatile/Non-Volatile Writable
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3, and
S2) that provide Write Protection control and status. Block Protect bits can be set using the Write Status
Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array can be
protected from Program and Erase instructions (see Status Register Memory Protection table). The
factory default setting for the Block Protection Bits is 0, none of the array protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com