Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 58Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 59Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 60Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 147 page
background image
62
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
33.
Peripheral Module Address Map
The address maps show the base address for each peripheral and module in XMEGA E5. For complete register
description and summary for each peripheral module, refer to the XMEGA E Manual.
Table 33-1. Peripheral module address map.
Base Address
Name
Description
0x0000
GPIO
General Purpose IO Registers
0x0010
VPORT0
Virtual Port A
0x0014
VPORT1
Virtual Port C
0x0018
VPORT2
Virtual Port D
0x001C
VPORT3
Virtual Port R
0x0030
CPU
CPU
0x0040
CLK
Clock Control
0x0048
SLEEP
Sleep Controller
0x0050
OSC
Oscillator Control
0x0060
DFLLRC32M
DFLL for the 32MHz Internal Oscillator
0x0070
PR
Power Reduction
0x0078
RST
Reset Controller
0x0080
WDT
Watch-Dog Timer
0x0090
MCU
MCU Control
0x00A0
PMIC
Programmable Multilevel Interrupt Controller
0x00B0
PORTCFG
Port Configuration
0x00D0
CRC
CRC Module
0x0100
EDMA
Enhanced DMA Controller
0x0180
EVSYS
Event System
0x01C0
NVM
Non Volatile Memory (NVM) Controller
0x0200
ADCA
Analog to Digital Converter on port A
0x0300
DACA
Digital to Analog Converter on port A
0x0380
ACA
Analog Comparator pair on port A
0x0400
RTC
Real Time Counter
0x0460
XCL
XMEGA Custom Logic Module
0x0480
TWIC
Two-Wire Interface on port C
0x0600
PORTA
Port A
0x0640
PORTC
Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com