Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 84Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 85Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 147 page
background image
82
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.8
Analog Comparator Characteristics
Table 36-14. Analog comparator characteristics.
36.9
Bandgap and Internal 1.0V Reference Characteristics
Table 36-15. Bandgap and Internal 1.0V reference characteristics.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Voff
Input offset voltage
10
mV
Ilk
Input leakage current
<10
50
nA
Input voltage range
-0.1
AVCC
V
AC startup time
50
µs
Vhys1
Hysteresis, none
VCC = 1.6V - 3.6V
0
mV
Vhys2
Hysteresis, small
VCC = 1.6V - 3.6V
12
mV
Vhys3
Hysteresis, large
VCC = 1.6V - 3.6V
28
mV
tdelay
Propagation delay
VCC = 3.0V, T= 85°C
22
30
ns
VCC = 1.6V - 3.6V
21
40
64-Level Voltage Scaler Integral non-
linearity (INL)
0.3
0.5
lsb
Current source accuracy after calibration
5
%
Current source calibration range
Single mode
4
6
µA
Current source calibration range
Double mode
8
12
µA
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Startup time
As reference for ADC
1 ClkPER + 2.5μs
µs
As input voltage to ADC and AC
1.5
BANDGAP
Bandgap voltage
1.1
V
INT1V
Internal 1.00V reference for ADC and DAC
T= 25°C, after calibration
0.99
1.0
1.01
V
Variation over voltage and temperature
Calibrated at T= 25°C
±3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com