Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 71Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 72Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 73Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 74Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 147 page
background image
75
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Notes:
1.
All Power Reduction Registers set.
Table 36-4. Current consumption for modules and peripherals.
Note:
1.
All parameters measured as the difference in current consumption between module enabled and disabled. All data at VCC = 3.0V, ClkSYS = 1MHz external clock
without prescaling, T = 25°C unless other conditions are given.
Symbol
Parameter
Condition(1)
Min.
Typ.
Max.
Units
ICC
Internal ULP oscillator
100
nA
32.768kHz int. oscillator
27
µA
8MHz int. oscillator
Normal power mode
65
µA
Low power mode
45
32MHz int. oscillator
275
µA
DFLL enabled with 32.768kHz int. osc. as reference
400
PLL
20x multiplication factor,
32MHz int. osc. DIV4 as reference
230
µA
Watchdog timer
0.3
µA
BOD
Continuous mode
245
µA
Sampled mode
0.4
Internal 1.0V reference
200
µA
Internal temperature sensor
100
µA
ADC
16ksps
VREF = Ext ref
1.5
mA
CURRLIMIT = LOW
1.4
CURRLIMIT = MEDIUM
1.3
CURRLIMIT = HIGH
1.2
75ksps, VREF = Ext ref
CURRLIMIT = LOW
1.7
300ksps, VREF = Ext ref
3.1
DAC
250ksps
VREF = Ext ref
No load
Normal mode
1.9
mA
Low Power mode
1.1
AC
200
µA
EDMA
200
µA
Timer/counter
25
µA
USART
Rx and Tx enabled, 9600 BAUD
8
µA
XCL
16-bit timer/counter
6
µA
Flash memory and EEPROM programming
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com