Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 94Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 95Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 96Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 97Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 98Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 99Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 100Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 101Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 147 page
background image
98
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
37.1.2 Idle Mode Supply Current
Figure 37-9. Idle mode supply current vs. frequency.
f
SYS = 0 - 1MHz external clock, T = 25°C.
Figure 37-10.Idle mode supply current vs. frequency.
f
SYS = 1 - 32MHz external clock, T = 25°C.
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
Frequency [MHz]
V_CC_
1.600
1.800
2.200
2.700
3.000
3.600
y,
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
4
8
12
16
20
24
28
32
Frequency [MHz]
V_CC_
1.6
1.8
2.2
2.7
3
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com