Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 51Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 52Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 53Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 54Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 147 page
background image
51
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
28.
ADC – 12-bit Analog to Digital Converter
28.1
Features
12-bit resolution
Up to 300 thousand samples per second
Down to 2.3μs conversion time with 8-bit resolution
Down to 3.35μs conversion time with 12-bit resolution
Differential and single-ended input
Up to 16 single-ended inputs
16x8 differential inputs with optional gain
Built-in differential gain stage
1/2x, 1x, 2x, 4x, 8x, 16x, 32x, and 64x gain options
Single, continuous and scan conversion options
Four internal inputs
Internal temperature sensor
DAC output
AVCC voltage divided by 10
1.1V bandgap voltage
Internal and external reference options
Compare function for accurate monitoring of user defined thresholds
Offset and gain correction
Averaging
Over-sampling and decimation
Optional event triggered conversion for accurate timing
Optional interrupt/event on compare result
Optional EDMA transfer of conversion results
28.2
Overview
The ADC converts analog signals to digital values. The ADC has 12-bit resolution and is capable of converting up to 300
thousand samples per second (ksps). The input selection is flexible, and both single-ended and differential
measurements can be done. For differential measurements, an optional gain stage is available to increase the dynamic
range. In addition, several internal signal inputs are available. The ADC can provide both signed and unsigned results.
The ADC measurements can either be started by application software or an incoming event from another peripheral in
the device. The ADC measurements can be started with predictable timing, and without software intervention. It is
possible to use EDMA to move ADC results directly to memory or peripherals when conversions are done.
Both internal and external reference voltages can be used. An integrated temperature sensor is available for use with the
ADC. The output from the DAC, AVCC/10 and the bandgap voltage can also be measured by the ADC.
The ADC has a compare function for accurate monitoring of user defined thresholds with minimum software intervention
required.
When operation in noisy conditions, the average feature can be enabled to increase the ADC resolution. Up to 1024
samples can be averaged, enabling up to 16-bit resolution results. In the same way, using the over-sampling and
decimation mode, the ADC resolution is increased up to 16-bits, which results in up to 4-bit extra LSB resolution. The
ADC includes various calibration options. In addition to standard production calibration, the user can enable the offset
and gain correction to improve the absolute ADC accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com