Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 83Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 147 page
background image
80
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.7
DAC Characteristics
Table 36-11. Power supply, reference and output range.
Table 36-12. Clock and timing.
Gain error
0.5x gain
-1
%
1x gain
-1
8x gain
-1
64x gain
-1.5
Offset error,
input referred
0.5x gain
10
mV
1x gain
5
8x gain
5
64x gain
5
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
AVCC
Analog supply voltage
VCC- 0.3
VCC+ 0.3
AVREF
External reference voltage
1.0
VCC- 0.6
V
Rchannel
DC output impedance
50
Ω
Linear output voltage range
0.15
VREF-0.15
V
RAREF
Reference input resistance
>10
M
Ω
CAREF
Reference input capacitance
Static load
7
pF
Minimum Resistance load
1
k
Ω
Maximum capacitance load
100
pF
1000
Ω serial resistance
1
nF
Output sink/source
Operating within accuracy specification
AVCC/1000
mA
Safe operation
10
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fDAC
Conversion rate
Cload=100pF, maximum step size
Normal mode
0
1000
ksps
Low power mode
0
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com