Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 70Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 71Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 72Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 73Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 74Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 147 page
background image
74
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
36.3
Current Consumption
Table 36-3. Current consumption for Active mode and Sleep modes
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ICC
Active power
consumption (1)
32kHz, Ext. Clk
VCC = 1.8V
20
µA
VCC = 3.0V
35
1MHz, Ext. Clk
VCC = 1.8V
155
VCC = 3.0V
290
2MHz, Ext. Clk
VCC = 1.8V
300
400
VCC = 3.0V
0.6
1.2
mA
32MHz, Ext. Clk
VCC = 3.0V
7
10
Idle power
consumption (1)
32kHz, Ext. Clk
VCC = 1.8V
7
µA
VCC = 3.0V
12
1MHz, Ext. Clk
VCC = 1.8V
55
VCC = 3.0V
105
2MHz, Ext. Clk
VCC = 1.8V
110
250
VCC = 3.0V
200
350
32MHz, Ext. Clk
VCC = 3.0V
3.5
5
mA
Power-down power
consumption
All disabled, T = 25°C
VCC = 3.0V
0.1
0.9
µA
All disabled, T = 85°C
1
3
All disabled, T = 105°C
2
5
WDT and sampled BOD enabled,
T=25°C
VCC = 3.0V
0.5
WDT and sampled BOD enabled,
T = 85°C
1.2
3.5
WDT and sampled BOD enabled,
T = 105°C
2.5
6
Power-save power
consumption
RTC from ULP clock, WDT and
sampled BOD enabled, T = 25
°C
VCC = 1.8V
0.4
µA
VCC = 3.0V
0.6
RTC from ULP clock, WDT,
sampled BOD enabled and 8MHz
internal oscillator in low power
mode, T = 25
°C
VCC = 1.8V
0.5
VCC = 3.0V
0.6
RTC on 1kHz low power 32.768kHz
TOSC, T = 25
°C
VCC = 1.8V
0.8
VCC = 3.0V
0.9
RTC from low power 32.768kHz
TOSC, T = 25
°C
VCC = 1.8V
0.9
VCC = 3.0V
1.0
Reset power consumption
Current through RESET pin
substracted, T = 25°C
VCC = 3.0V
110
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com