Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATXMEGA8E5 Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 89Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 90Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 91Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 92Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 93Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 94Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 95Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 96Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 147 page
background image
93
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
Notes:
1.
Required only for fSCL > 100kHz.
2.
Cb = Capacitance of one bus line in pF.
3.
fPER = Peripheral clock frequency.
tLOW
Low period of SCL Clock
fSCL ≤ 100kHz
4.7
µs
fSCL ≤ 400kHz
1.3
fSCL ≤ 1MHz
0.5
tHIGH
High period of SCL Clock
fSCL ≤ 100kHz
4
µs
fSCL ≤ 400kHz
0.6
fSCL ≤ 1MHz
0.26
tSU;STA
Set-up time for a repeated START
condition
fSCL ≤ 100kHz
4.7
µs
fSCL ≤ 400kHz
0.6
fSCL ≤ 1MHz
0.26
tHD;DAT
Data hold time
fSCL ≤ 100kHz
0
3.45
µs
fSCL ≤ 400kHz
0
0.9
fSCL ≤ 1MHz
0
0.45
tSU;DAT
Data setup time
fSCL ≤ 100kHz
250
ns
fSCL ≤ 400kHz
100
fSCL ≤ 1MHz
50
tSU;STO
Setup time for STOP condition
fSCL ≤ 100kHz
4
µs
fSCL ≤ 400kHz
0.6
fSCL ≤ 1MHz
0.26
tBUF
Bus free time between a STOP and
START condition
fSCL ≤ 100kHz
4.7
µs
fSCL ≤ 400kHz
1.3
fSCL ≤ 1MHz
0.5
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com