Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 30Page - Infineon Technologies AG 12ASX2 Datasheet HTML 31Page - Infineon Technologies AG 12ASX2 Datasheet HTML 32Page - Infineon Technologies AG 12ASX2 Datasheet HTML 33Page - Infineon Technologies AG 12ASX2 Datasheet HTML 34Page - Infineon Technologies AG 12ASX2 Datasheet HTML 35Page - Infineon Technologies AG 12ASX2 Datasheet HTML 36Page - Infineon Technologies AG 12ASX2 Datasheet HTML 37Page - Infineon Technologies AG 12ASX2 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
34
Rev. 3.1, 2015-07-30
Hardware Description
2.4.5
Operating Modes
2.4.5.1
General Operation
At any time, the driver can be in one out of seven possible operating modes:
OPM0: Default Mode (default after reset, device is disabled).
OPM1: Error Mode (reached after Event Class B, device is disabled).
OPM2: Configuration Mode (device is disabled, configuration of the device can be modified).
OPM3: Configured Mode (device is configured and disabled).
OPM4: Active Mode (normal operation).
OPM5: Verification mode (intrusive diagnostic functions can be triggered).
OPM6: Weak active mode (the device can be turned on but with restrictions)
The current active mode of the device is given by bit field SSTAT.OPM.
The concept of the device is based on the following general ideas:
The driver can only switch the IGBT on when OPM4 mode is active (exception: weak-turn on in OPM6).
Starting from Mode OPM0 or OPM1, the Active Mode OPM4 can only be activated through a dedicated SPI
command sequence and the activation of the hardware signal EN/FEN. As a result, the probability that the
device goes to OPM4 mode due to random signals is negligible.
Differentiations of errors: different classes of errors are defined, leading to different behavior of the device.
The state diagram for the operating modes is given in Figure 2-11:
Figure 2-11 Operating Modes State Diagram
OPM0
Default
Event Class B
OPM5
 Verification
OPM4
 Active
Reset Event
Event Class A
All Reset Events
EN Valid Transition
OPM2
Configuration
OPM3
 Configured
OPM6
Weak Active
Event Class A
EN Valid Transition
OPM1
Default
Event Class BReset Event
Event Class BReset Event
Event Class BReset Event
All Event Class B
Event Class B
CLRS set
Reset Event
Event Class B
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com