Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 62Page - Infineon Technologies AG 12ASX2 Datasheet HTML 63Page - Infineon Technologies AG 12ASX2 Datasheet HTML 64Page - Infineon Technologies AG 12ASX2 Datasheet HTML 65Page - Infineon Technologies AG 12ASX2 Datasheet HTML 66Page - Infineon Technologies AG 12ASX2 Datasheet HTML 67Page - Infineon Technologies AG 12ASX2 Datasheet HTML 68Page - Infineon Technologies AG 12ASX2 Datasheet HTML 69Page - Infineon Technologies AG 12ASX2 Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
66
Rev. 3.1, 2015-07-30
Hardware Description
3.3
Protection Functions: Category B
3.3.1
Power Supply Voltage Monitoring
The Power Supply Voltage Monitoring functionality is summarized in Table 3-6:
In order to ensure a correct switching of the IGBT, the device supports an undervoltage lockout (UVLO) function
for V
CC1, VCC2, VEE2, and an overvoltage lockout (OVLO) function for VCC2 and VEE2 (Figure 3-5).
Figure 3-5 Power Supply Supervision Function
Table 3-6
Power Supply Voltage Monitoring Overview
Parameter
Short Description
Function
Monitoring of V
CC1, VCC2, VEE2.
Periodicity
Continuous.
Action in case of failure event
1. Emergency (Regular) Turn-off Sequence.
2. Error Flag PER.RST1 (UVLO1) or SER.UVLO2ER or OVLO2ER or
UVLO3ER or OVLO3ER) is set.
3. Assertion of signal NRST/RDY (UVLO1 only) or NFLTB.
Programmability
Yes (OVLO3 only).
In-System Testability
Yes (see Chapter 3.5.8).
UVLO3
OVLO3
UVLO2
OVLO2
UVLO1
0V
VUVLO1L
VUVLO1H
VUVLO2L
VUVLO2H
VOVLO2L
VOVLO2H
VUVLO3L
VUVLO3H
VOVLO3L
VOVLO3H
Valid VCC2 range to
enable the device
Valid VCC2
operating range
Valid VEE2
operating range
Valid VEE2 range to
enable the device
Valid VCC1
operating range
Valid VCC1 range to
enable the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com