Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 85Page - Infineon Technologies AG 12ASX2 Datasheet HTML 86Page - Infineon Technologies AG 12ASX2 Datasheet HTML 87Page - Infineon Technologies AG 12ASX2 Datasheet HTML 88Page - Infineon Technologies AG 12ASX2 Datasheet HTML 89Page - Infineon Technologies AG 12ASX2 Datasheet HTML 90Page - Infineon Technologies AG 12ASX2 Datasheet HTML 91Page - Infineon Technologies AG 12ASX2 Datasheet HTML 92Page - Infineon Technologies AG 12ASX2 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Register Description
Datasheet
89
Rev. 3.1, 2015-07-30
Hardware Description
STPER
9
rhs
Shoot Through Protection Error Flag
This bit indicates if a shoot through protection error event
has been detected.
0
B: No event has been detected.
1
B: An event has been detected.
This bit is sticky.
Note: This bit can not be cleared while an error condition
is active (bit PSTAT2.STP set).
SPIER
8
rhs
SPI Error Flag
This indicates if an SPI error event has been detected.
0
B: No error event has been detected.
1
B: An error event has been detected.
This bit is sticky.
VMTO
7
rh
Verif. Mode Time-Out Flag
This bit indicates if a verification mode time-out event has
been detected.
0
B: No time-out event has been detected.
1
B: A time-out event has been detected.
Note: This bit is a mirror of bit SER.VMTO.
GER
6
rh
GATE Monitoring Error Flag
This bit indicates if a GATE monitoring timer overflow
occurred during a switching sequence.
0
B: No error event has been detected.
1
B: An error event has been detected.
Note: This bit is a mirror of bit SER.GER.
OVLO3ER
5
rh
OVLO3 Error Flag
This bit indicates if an Overvoltage Lockout event on V
EE2
has been detected.
0
B: No error event has been detected.
1
B: An error event has been detected.
Note: This bit is a mirror of bit SER.OVLO3ER.
OTER
4
rh
Overtemperature Error Flag
This bit indicates if an overtemperature condition has
been detected.
0
B: No event has been detected.
1
B: An event has been detected.
Note: This bit is a mirror of bit SER.OTER.
OSTER
3
rh
Output Stage Tristate Event Flag
This bit indicates if the output stage has been tristated.
0
B: No tristate event has been detected.
1
B: A tristate event has been detected.
Note: This bit is a mirror of bit SER.OSTER.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com