Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 60Page - Infineon Technologies AG 12ASX2 Datasheet HTML 61Page - Infineon Technologies AG 12ASX2 Datasheet HTML 62Page - Infineon Technologies AG 12ASX2 Datasheet HTML 63Page - Infineon Technologies AG 12ASX2 Datasheet HTML 64Page - Infineon Technologies AG 12ASX2 Datasheet HTML 65Page - Infineon Technologies AG 12ASX2 Datasheet HTML 66Page - Infineon Technologies AG 12ASX2 Datasheet HTML 67Page - Infineon Technologies AG 12ASX2 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
64
Rev. 3.1, 2015-07-30
Hardware Description
3.2.3
External Enable
The External Enable functionality is summarized in Table 3-4:
The functionality of the signal at pin EN/FEN is given in Chapter 2.4.8. In case of a Valid-to-Invalid signal
transition, an error is detected. In this case, an Emergency (Regular) turn-off sequence is initiated, bit PER.ENER
is set and a fault notification is issued on pin NFLTA (in case of an OPM transition the state machine - see
Chapter 2.4.7). The current validity state of the signal at pin EN/FEN can be read on bit PSTAT2.ENVAL.
This function can be tested by generating an invalid signal on pin EN/FEN and verifying that the actions done by
the device correspond to the expected behavior.
Table 3-4
External Enable Function Overview
Parameter
Short Description
Function
External Enable.
Periodicity
Invalid signal on EN/FEN pin.
Action in case of failure event
1. Emergency (Regular) Turn-off Sequence.
2. Error Flag PER.ENER is set.
3. Assertion of signal NFLTA.
Programmability
No.
In-System Testability
Yes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com