Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 80Page - Infineon Technologies AG 12ASX2 Datasheet HTML 81Page - Infineon Technologies AG 12ASX2 Datasheet HTML 82Page - Infineon Technologies AG 12ASX2 Datasheet HTML 83Page - Infineon Technologies AG 12ASX2 Datasheet HTML 84Page - Infineon Technologies AG 12ASX2 Datasheet HTML 85Page - Infineon Technologies AG 12ASX2 Datasheet HTML 86Page - Infineon Technologies AG 12ASX2 Datasheet HTML 87Page - Infineon Technologies AG 12ASX2 Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Register Description
Datasheet
84
Rev. 3.1, 2015-07-30
Hardware Description
Primary Status Register
This register contains information on the status of the device.
PSTAT
Offset
Wakeup Value
Reset Value
Primary Status Register
01
H
n.a.
087D
H
Field
Bits
Type
Description
0
15:12
r
Reserved
Read as 0
B.
ERR
11
rh
Error Status
This bit is the OR combination of all bits of register PER.
0
B: No error is detected.
1
B: An error is detected.
0
10
r
Reserved
Read as 0
B.
GPONS
9:8
rh
Gate Turn-On Plateau Level Configuration Status
This bit field indicates the latest turn-on plateau level
configuration request (WTO, TTON) received by the
primary side via the SPI interface. Coding is identical to
bit field PCTRL.GPON.
ACT
7
rh
Active State Status
This bit indicates if the device is in Active State (OPM4).
0
B: The device is not in Active State.
1
B: The device is in Active State.
SRDY
6
rh
Secondary Ready Status
This bit indicates if the secondary chip is ready for
operation.
0
B: Secondary chip is not ready.
1
B: Secondary chip is ready.
GPOFS
5:2
rh
Gate Turn-Off Plateau Level Configuration Status
(regular turn-off)
This bit field indicates the latest turn-off plateau level
configuration request (regular TTOFF) received by the
primary side via the SPI interface. Coding is identical to
bit field PCTRL2.GPOF.
15
8
7
0
15
12
r
0
11
11
rh
ERR
10
10
r
0
98
rh
GPONS
77
rh
ACT
66
rh
SRDY
52
rh
GPOFS
11
rh
LMI
00
rh
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com