Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 56Page - Infineon Technologies AG 12ASX2 Datasheet HTML 57Page - Infineon Technologies AG 12ASX2 Datasheet HTML 58Page - Infineon Technologies AG 12ASX2 Datasheet HTML 59Page - Infineon Technologies AG 12ASX2 Datasheet HTML 60Page - Infineon Technologies AG 12ASX2 Datasheet HTML 61Page - Infineon Technologies AG 12ASX2 Datasheet HTML 62Page - Infineon Technologies AG 12ASX2 Datasheet HTML 63Page - Infineon Technologies AG 12ASX2 Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
60
Rev. 3.1, 2015-07-30
Hardware Description
3.2
Protection Functions: Category A
3.2.1
Desaturation Protection
The integrated desaturation (DESAT) functionality is summarized in Table 3-2:
The DESAT function aims at protecting the IGBT in case of short circuit. The voltage drop V
CE over the IGBT is
monitored via the DESAT pin while the device issues a PWM ON command. The voltage at pin DESAT is
externally filtered by an external RC filter, and decoupled by an external diode (see Figure 3-1).The DESAT
voltage is compared to an internal reference voltage. The result of this comparison is available by reading bit
SSTAT2.DSATC.
Figure 3-1 DESAT Function: Diagram of Principle
At the beginning of a turn-on sequence, the voltage at pin DESAT is forced to Low level for the duration the
blanking time defined by register SDESAT. Once the blanking time has elapsed, the voltage at pin DESAT is
released and is compared to an internal reference voltage. Depending on the value of the decoupling capacitance,
an additional “analog” blanking time will be added corresponding to the charging of the capacitance through the
internal pull-up resistance (Figure 3-2).
In case the measured voltage is higher than the selected internal threshold, an Emergency (Safe) Turn-Off
sequence is initiated, bit SER.DESATER is set and a fault notification is issued on pin NFLTA (in case of an OPM
transition the state machine - see Chapter 2.4.7).
Table 3-2
DESAT Protection Overview
Parameter
Short Description
Function
Monitoring of the V
CE voltage of the IGBT.
Periodicity
Continuous while device issues a PWM ON command.
Action in case of failure event
1. Emergency (Safe) Turn-off Sequence.
2. Error Flag SER.DESATER is set.
3. Assertion of signal NFLTA.
Programmability
Yes (blanking time and detection threshold).
In-System Testability
Yes (see also Chapter 3.5.3 and Chapter 3.5.4).
Comp
DSAT
Fixed Vref
Voltage
Divider
DSAT _Sup_active
5V
Class A
Generation
Logic
Vcc2
DESAT
Clamping_active
GND2
EiceDRIVER ™ SIL
Threshold Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com