Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 8Page - Infineon Technologies AG 12ASX2 Datasheet HTML 9Page - Infineon Technologies AG 12ASX2 Datasheet HTML 10Page - Infineon Technologies AG 12ASX2 Datasheet HTML 11Page - Infineon Technologies AG 12ASX2 Datasheet HTML 12Page - Infineon Technologies AG 12ASX2 Datasheet HTML 13Page - Infineon Technologies AG 12ASX2 Datasheet HTML 14Page - Infineon Technologies AG 12ASX2 Datasheet HTML 15Page - Infineon Technologies AG 12ASX2 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Product Definition
Datasheet
12
Rev. 3.1, 2015-07-30
Hardware Description
Fully Programmable Active Clamping Inhibit signal (secondary side).
Fully programmable Two-Level Turn On (TTON).
Low latency digital channel.
Optimal support of EiceBoost functions.
36-pin PG-DSO-36 green package.
Automotive qualified (as per AEC Q100).
Safety Relevant Features
Programmable Desaturation monitoring.
Overcurrent protection.
Fully programmable Two-Level Turn-Off.
Automatic Emergency Turn-Off in failure case.
Automatic or externally triggered disabling of the output stage (tristate).
Under- and over-voltage supervision of all the power supplies (both primary and secondary sides).
NFLTA and NFLTB notification pins for fast system response time (primary side).
Safe internal state machine.
Weak Turn-On functionality.
Internal overtemperature sensor (secondary side).
Internal clock monitoring.
Gate signal monitoring.
IGBT state monitoring.
Individual error and status flags readable via SPI.
Support for Active Short Circuit strategies.
Full diagnosticability.
In-application testability of safety critical functions.
Suitable for systems up to ASIL D requirements (as per ISO 26262).
1.3
Target Applications
Inverters for automotive Hybrid Electric Vehicles (HEV) and Electric Vehicles (EV).
High Voltage DC/DC converter.
Industrial Drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com