Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 77Page - Infineon Technologies AG 12ASX2 Datasheet HTML 78Page - Infineon Technologies AG 12ASX2 Datasheet HTML 79Page - Infineon Technologies AG 12ASX2 Datasheet HTML 80Page - Infineon Technologies AG 12ASX2 Datasheet HTML 81Page - Infineon Technologies AG 12ASX2 Datasheet HTML 82Page - Infineon Technologies AG 12ASX2 Datasheet HTML 83Page - Infineon Technologies AG 12ASX2 Datasheet HTML 84Page - Infineon Technologies AG 12ASX2 Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Register Description
Datasheet
81
Rev. 3.1, 2015-07-30
Hardware Description
4
Register Description
This chapter describes the internal registers of the device. Table 4-1 provides an overview of the implemented
registers. The abbreviations shown in Table 4-2 are used in the whole section.
Table 4-1
Register Overview
Register Short
Name
Register Long Name
Offset
Address
Wakeup
Value
Reset Value
Register Description, Primary Register Description
PID
Primary ID Register
00
H
n.a.
xxxx
H
PSTAT
Primary Status Register
01
H
n.a.
087D
H
PSTAT2
Primary Second Status Register
02
H
n.a.
0010
H
PER
Primary Error Register
03
H
n.a.
1C00
H
PCFG
Primary Configuration Register
04
H
n.a.
0004
H
PCFG2
Primary Second Configuration Register
05
H
n.a.
0045
H
PCTRL
Primary Control Register
06
H
n.a.
0001
H
PCTRL2
Primary Second Control Register
07
H
n.a.
003D
H
PSCR
Primary Supervision Function Control
Register
08
H
n.a.
0001
H
PRW
Primary Read/Write Register
09
H
n.a.
0001
H
PPIN
Primary Pin Status Register
0A
H
n.a.
xxxx
H
PCS
Primary Clock Supervision Register
0B
H
n.a.
0001
H
Register Description, Secondary Registers Description
SID
Secondary ID Register
10
H
n.a.
xxxx
H
SSTAT
Secondary Status Register
11
H
n.a.
0001
H
SSTAT2
Secondary Second Status Register
12
H
n.a.
xxxx
H
SER
Secondary Error Register
13
H
n.a.
8011
H
SCFG
Secondary Configuration Register
14
H
n.a.
0190
H
SCFG2
Secondary Second Configuration Register
15
H
n.a.
0001
H
SCTRL
Secondary Control Register
16
H
n.a.
00F1
H
SSCR
Secondary Supervision Function Control
Register
17
H
n.a.
0001
H
SDESAT
Secondary DESAT Blanking Time Register 18
H
n.a.
2000
H
SOCP
Secondary OCP Blanking Time Register
19
H
n.a.
0001
H
SRTTOF
Secondary Regular TTOFF Configuration
Register
1A
H
n.a.
0001
H
SSTTOF
Secondary Safe TTOFF Configuration
Register
1B
H
n.a.
2000
H
SGM1
Secondary First Gate Monitoring Register
1C
H
n.a.
FF01
H
SGM2
Secondary Second Gate Monitoring
Register
1D
H
n.a.
FF01
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com