Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 57Page - Infineon Technologies AG 12ASX2 Datasheet HTML 58Page - Infineon Technologies AG 12ASX2 Datasheet HTML 59Page - Infineon Technologies AG 12ASX2 Datasheet HTML 60Page - Infineon Technologies AG 12ASX2 Datasheet HTML 61Page - Infineon Technologies AG 12ASX2 Datasheet HTML 62Page - Infineon Technologies AG 12ASX2 Datasheet HTML 63Page - Infineon Technologies AG 12ASX2 Datasheet HTML 64Page - Infineon Technologies AG 12ASX2 Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
61
Rev. 3.1, 2015-07-30
Hardware Description
The DESAT function is not active while the output stage is in PWM OFF state.
The blanking time needs to be chosen carefully, since the DESAT protection may be de facto inhibited if the PWM
ON-time is too short compared to the chosen blanking time.
The detection threshold can be selected by configuring bit field SCFG2.DSATL.
At turn-off, the DESAT signal is pulled down for the duration of the TTOFF plateau time, and extended by the
blanking time once the hard turn off sequence is initiated.
Figure 3-2 DESAT Operation
Note: . In case the DESAT pin is open, the pull-up resistance ensures that a DESAT event is generated at the next
PWM turn-on command.
DESAT Clamping during turn-off
The internal pull-up resistance may lead to the unwanted charging of the DC-link capacitance via the DESAT pin.
In order to overcome this, the DESAT function needs to be activated by clearing bit SCFG.DSTCEN. When this
bit is set, pin DESAT is internally clamped to GND2 when a PWM off command is issued by the device.
VTON / VTOFF
VEE2
VDESAT
VCC2
0V
time
time
tTTOFF
VCC2
tBLANK
tBLANK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com