Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 38Page - Infineon Technologies AG 12ASX2 Datasheet HTML 39Page - Infineon Technologies AG 12ASX2 Datasheet HTML 40Page - Infineon Technologies AG 12ASX2 Datasheet HTML 41Page - Infineon Technologies AG 12ASX2 Datasheet HTML 42Page - Infineon Technologies AG 12ASX2 Datasheet HTML 43Page - Infineon Technologies AG 12ASX2 Datasheet HTML 44Page - Infineon Technologies AG 12ASX2 Datasheet HTML 45Page - Infineon Technologies AG 12ASX2 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
42
Rev. 3.1, 2015-07-30
Hardware Description
Figure 2-13 TTOFF: Principle of Operation
Two Level Turn-On (TTON)
In order to increase EM compatibility and the efficiency of the whole system, the 1EDI2002AS supports the Two
Level Turn-On functionality (TTON). The TTON function consists in switching the IGBT on in three steps in such
a way that:
1. The IGBT gate voltage is first increased until a specific (and programmable) voltage is reached by the TON
signal.
2. TON (and TOFF) voltage is stabilized at this level. The IGBT Gate voltage forms thus a plateau.
3. Finally, the switch-on sequence is resumed up to the maximum output voltage.
The TTON feature needs to be activated by configuring the delay with bit field SCFG2.TTOND.
tPULSE < tTTOFF+ 2. tSSOSC
tPDON
tTTOFF
tTTOFF
Input Pulse
Output Pulse
tPULSE > tTTOFF + 2. tSSOSC
tPDON
tTTOFF
tPULSE
tPDOFF
tTTOFF
Input Pulse
Output Pulse
TTOFF Plateau
a)
b)
2. tSSOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com