Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 10Page - Infineon Technologies AG 12ASX2 Datasheet HTML 11Page - Infineon Technologies AG 12ASX2 Datasheet HTML 12Page - Infineon Technologies AG 12ASX2 Datasheet HTML 13Page - Infineon Technologies AG 12ASX2 Datasheet HTML 14Page - Infineon Technologies AG 12ASX2 Datasheet HTML 15Page - Infineon Technologies AG 12ASX2 Datasheet HTML 16Page - Infineon Technologies AG 12ASX2 Datasheet HTML 17Page - Infineon Technologies AG 12ASX2 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
14
Rev. 3.1, 2015-07-30
Hardware Description
2.2
Pin Configuration and Functionality
2.2.1
Pin Configuration
Figure 2-1 Pin Configuration
Table 2-1
Pin Configuration
Pin
Number
Symbol
I/O
Voltage Class
Function
1,9,18
VEE2
Supply
Supply
Negative Power Supply
1).
2
TON
Output
15V Secondary Turn-On Output.
3
VCC2
Supply
Supply
Positive Power Supply.
4
TOFF
Output
15V Secondary Turn-Off Output.
5
DESAT
Input
15V Secondary Desaturation Protection Input.
6
GATE
Input
15V Secondary Gate Monitoring Input.
7
GND2
Ground
Ground
Ground.
8
IREF2
Input
5V Secondary
External Reference Input.
10
VREG
Output
5V Secondary
Reference Output Voltage.
11
OCP
Input
5V Secondary
Over Current Protection.
12
OCPG
Ground
Ground
Ground for the OCP function,
13
DEBUG
Input
5V Secondary
Debug Input.
OCPG
VREG
DESAT
IREF2
GND2
TOFF
VEE2
NUV2
GATE
DEBUG
DIO2
VEE2
OSD
VCC2
DACLP
OCP
TON
VEE2
GND1
INSTP
EN/FEN
NRST /RDY
DIO1
SCLK
NFLTA
NCS
REF0
INP
IREF1
VCC1
GND1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
25
24
23
22
21
20
19
NFLTB 26
SDI
27
GND1 28
SDO
29
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com