Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12ASX2 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 68Page - Infineon Technologies AG 12ASX2 Datasheet HTML 69Page - Infineon Technologies AG 12ASX2 Datasheet HTML 70Page - Infineon Technologies AG 12ASX2 Datasheet HTML 71Page - Infineon Technologies AG 12ASX2 Datasheet HTML 72Page - Infineon Technologies AG 12ASX2 Datasheet HTML 73Page - Infineon Technologies AG 12ASX2 Datasheet HTML 74Page - Infineon Technologies AG 12ASX2 Datasheet HTML 75Page - Infineon Technologies AG 12ASX2 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
72
Rev. 3.1, 2015-07-30
Hardware Description
For more details, see Chapter 2.4.4.4.
The SPI Error Detection Mechanism can be tested by inserting on purpose a dedicated error and by verifying that
the device’s reaction is conform to specification.
3.4.5
Active Short Circuit Support
The Active Short Circuit Support Function is summarized in Table 3-12:
This feature is aimed at being used in combination with a booster device supporting a direct turn-on input (pin ASC,
see Figure 3-8). Any time the voltage V
CC2 goes below threshold VUVLO2L,or the internal digital voltage supply is
not valid, the open drain pin NUV2 drives a low level for the duration of the event.
Figure 3-8 ASC Strategy Support
The NUV2 pin functionality can be tested on system level by creating the conditions of its activation and verifying
that the reaction of the device corresponds to the expected behavior.
Programmability
Yes (parity can be disabled).
In-System Testability
Yes.
Table 3-12 Active Short Circuit Support Overview
Parameter
Short Description
Function
Notification in case V
CC2 is below the UVLO2 threshold or internal digital supply
not valid.
Periodicity
Continuous.
Action in case of failure event
Signal NUV2 activated.
Programmability
No.
In-System Testability
Yes.
Table 3-11 SPI Error Detection Overview (cont’d)
Parameter
Short Description
EiceBoost
EiceSIL
VCC2
Monitor
GND2
GND2
HV Logic
ASC
Weak Pull -
Down
NUV2
ASC _out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com