Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 242 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 242 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 238Page - STMicroelectronics UPSD3312D Datasheet HTML 239Page - STMicroelectronics UPSD3312D Datasheet HTML 240Page - STMicroelectronics UPSD3312D Datasheet HTML 241Page - STMicroelectronics UPSD3312D Datasheet HTML 242Page - STMicroelectronics UPSD3312D Datasheet HTML 243Page - STMicroelectronics UPSD3312D Datasheet HTML 244Page - STMicroelectronics UPSD3312D Datasheet HTML 245Page - STMicroelectronics UPSD3312D Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
AC/DC parameters
UPSD33xx
242/272
Doc ID 9685 Rev 7
28
AC/DC parameters
These tables describe the AD and DC parameters of the UPSD33xx Devices:
●
DC electrical specification
●
AC timing specification
●
PLD timing
–
Combinatorial timing
–
Synchronous Clock mode
–
Asynchronous Clock mode
–
Input macrocell timing
●
MCU module timing
–
READ timing
–WRITE timing
–
Power-down and RESET timing
The following are issues concerning the parameters presented:
●
In the DC specification the supply current is given for different modes of operation.
●
The AC power component gives the PLD, Flash memory, and SRAM mA/MHz
specification. Figure 84 and Figure 85 on page 243 show the PLD mA/MHz as a
function of the number of Product Terms (PT) used.
●
In the PLD timing parameters, add the required delay when Turbo Bit is '0.'
Figure 84.
PLD ICC /frequency consumption (5 V range)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%
AI02894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com