Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 240 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 240 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 236Page - STMicroelectronics UPSD3312D Datasheet HTML 237Page - STMicroelectronics UPSD3312D Datasheet HTML 238Page - STMicroelectronics UPSD3312D Datasheet HTML 239Page - STMicroelectronics UPSD3312D Datasheet HTML 240Page - STMicroelectronics UPSD3312D Datasheet HTML 241Page - STMicroelectronics UPSD3312D Datasheet HTML 242Page - STMicroelectronics UPSD3312D Datasheet HTML 243Page - STMicroelectronics UPSD3312D Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
240/272
Doc ID 9685 Rev 7
Figure 83.
Example of chaining UPSD33xx devices
27.5.8
Debugging the 8032 MCU module
The 8032 on the MCU module may be debugged in-circuit using the same four basic JTAG
signals as used for JTAG ISP (TDI, TDO, TCK, TMS). The signals TSTAT and TERR are not
needed for debugging, and they will not create a problem if they exist on the circuit board
while debugging. The same connector specified in Figure 82 can be used for ISP or for 8032
debugging. There are 3rd party suppliers of UPSD33xx JTAG debugging equipment (check
www.st.com/mcu). These are small pods which connect to a PC (or notebook computer)
using a USB interface, and they are driven by an 8032 Integrated Development Environment
(IDE) running on the PC.
Standard debugging features are provided through this JTAG interface such as single-step,
breakpoints, trace, memory dump and fill, and others. There is also a dedicated Debug pin
(shown in Figure 79 on page 235) which can be configured as an output to trigger external
devices upon a programmable internal event (e.g., breakpoint match), or the pin can be
configured as an input so an external device can initiate an internal debug event (e.g., break
execution). The Debug pin function is configured by the 8032 IDE debug software tool. See
Section 12: Debug unit on page 59 for more details.
Device 1
UPSD33XX
UPSD33XX
TMS
TCK
TDI
TDO
IEEE 1149.1
Compliant
Device
Device 2
Device N
System
Reset
Circuitry
TMS
TCK
TDI
TDO
TSTAT
TERR
CIRCUIT BOARD
JTAG
CONN.
VCC
TMS
TCK
TDI
TSTAT
TERR
TDO
RST
GND
100K
100K
100K
100K
100K
10K
100K
JTAG
Programming
or Test
Equipment
Connects Here
Optional
Optional
TMS
TCK
TDI
TDO
TSTAT
TERR
AI09188b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com