Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 236 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 236 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 232Page - STMicroelectronics UPSD3312D Datasheet HTML 233Page - STMicroelectronics UPSD3312D Datasheet HTML 234Page - STMicroelectronics UPSD3312D Datasheet HTML 235Page - STMicroelectronics UPSD3312D Datasheet HTML 236Page - STMicroelectronics UPSD3312D Datasheet HTML 237Page - STMicroelectronics UPSD3312D Datasheet HTML 238Page - STMicroelectronics UPSD3312D Datasheet HTML 239Page - STMicroelectronics UPSD3312D Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD33xx
236/272
Doc ID 9685 Rev 7
27.5.4
4-pin JTAG ISP (default)
The four basic JTAG pins on Port C are enabled for JTAG operation at all times. These pins
may not be used for other I/O functions. There is no action needed in PSDsoft Express to
configure a device to use 4-pin JTAG, as this is the default condition. No 8032 firmware is
needed to use 4-pin ISP because all ISP functions are controlled from the external JTAG
program/test equipment. Figure 80 on page 236 shows recommended connections on a
circuit board to a JTAG program/test tool using 4-pin JTAG. It is required to connect the RST
output signal from the JTAG program/test equipment to the RESET_IN input on the
UPSD33xx. The RST signal is driven by the equipment with an Open Drain driver, allowing
other sources (like a push button) to drive RESET_IN without conflict.
Note:
The recommended pull-up resistors and decoupling capacitor are illustrated in Figure 80.
Figure 80.
Recommended 4-pin JTAG connections
1.
For 5 V UPSD33xx devices, pull-up resistors and VCC pin on the JTAG connector should be connected to 5 V system VDD.
2.
For 3.3 V UPSD33xx devices, pull-up resistors and VCC pin on the JTAG connector should be connected to 3.3 V system
VCC.
3.
This signal is driven by an Open-Drain output in the JTAG equipment, allowing more than one source to activate RESETIN.
TMS - PC0
TCK - PC1
I/O - PC2
GENERAL I/O - PC3
GENERAL I/O - PC4
TDI - PC5
TDO - PC6
GENERAL I/O - PC7
JTAG
CONN.
100k
typical
TMS
TCK
TDI
TDO
GENERAL I/O
SIGNALS
GND
VCC
(1,2)
RST
(3)
UPSD33XX
0.01
µF
CIRCUIT
BOARD
JTAG
Programming
or Test
Equipment
Connects Here
10k
PUSH BUTTON
or ANY OTHER
RESET SOURCE
DEBUG
OPTIONAL
TEST POINT
100k
RESETIN
AI09185c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com