Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 233 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 233 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 229Page - STMicroelectronics UPSD3312D Datasheet HTML 230Page - STMicroelectronics UPSD3312D Datasheet HTML 231Page - STMicroelectronics UPSD3312D Datasheet HTML 232Page - STMicroelectronics UPSD3312D Datasheet HTML 233Page - STMicroelectronics UPSD3312D Datasheet HTML 234Page - STMicroelectronics UPSD3312D Datasheet HTML 235Page - STMicroelectronics UPSD3312D Datasheet HTML 236Page - STMicroelectronics UPSD3312D Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
PSD module
Doc ID 9685 Rev 7
233/272
them an output. In this case, a weak external pull-up resistor (100K
Ω minimum) should be
used on floating pins to avoid excessive current draw.
The pins on Ports 1, 3, and 4 of the 8032 MCU module do have weak internal pull-ups and
the inputs will not float, so no external pull-ups are needed.
Table 158.
Function status during Power-up Reset, Warm Reset, Power-down mode
27.5.1
JTAG ISP and JTAG debug
An IEEE 1149.1 serial JTAG interface is used on UPSD33xx devices for ISP (in-system
programming) of the PSD module, and also for debugging firmware on the MCU module.
IEEE 1149.1 Boundary Scan operations are not supported in the UPSD33xx.
The main advantage of JTAG ISP is that a blank UPSD33xx device may be soldered to a
circuit board and programmed with no involvement of the 8032, meaning that no 8032
firmware needs to be present for ISP. This is good for manufacturing, for field updates, and
for easy code development in the lab. JTAG-based programmers and debuggers for
UPSD33xx are available from STMicroelectronics and 3rd party vendors.
ISP is different than IAP. IAP involves the 8032 to program Flash memory over any interface
supported by the 8032 (e.g., UART, SPI, I2C), which is good for remote updates over a
communication channel. UPSD33xx devices support both ISP and IAP. The entire PSD
Port configuration or
registers
Power-Up Reset
Warm Reset
APD Power-down
mode
MCU I/O
Pins are in input mode
Pins are in input mode
Pin logic state is
unchanged
PLD I/O
Pin logic is valid after
internal PSD module
configuration bits are
loaded. Happens long
before RST is de-
asserted
Pin logic is valid and is
determined by PLD
logic equations
Pin logic depends on
inputs to PLD (8032
addresses are blocked
from reaching PLD
inputs during power-
down mode)
Latched Address Out
mode
Pins are high
Impedance
Pins are high
Impedance
Pins logic state not
defined since 8032
address signals are
blocked
Peripheral I/O mode
Pins are high
Impedance
Pins are high
Impedance
Pins are high
Impedance
JTAG ISP and debug
JTAG channel is active
and available
JTAG channel is active
and available
JTAG channel is active
and available
PMMR0 and PMMR2
Cleared to 00h
Unchanged
Unchanged
Output of OMC Flip-
flops
Cleared to ’0’
Depends on .re and .pr
equations
Depends on .re and .pr
equations
VM register(1)
1.
VM register Bit 7 (PIO_EN) and Bit 0 (SRAM in 8032 program space) are cleared to zero at power-up and
warm reset conditions.
Initialized with value
that was specified in
PSDsoft
Initialized with value
that was specified in
PSDsoft
Unchanged
All other csiop registers
Cleared to 00h
Cleared to 00h
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com