Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 248 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 248 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 244Page - STMicroelectronics UPSD3312D Datasheet HTML 245Page - STMicroelectronics UPSD3312D Datasheet HTML 246Page - STMicroelectronics UPSD3312D Datasheet HTML 247Page - STMicroelectronics UPSD3312D Datasheet HTML 248Page - STMicroelectronics UPSD3312D Datasheet HTML 249Page - STMicroelectronics UPSD3312D Datasheet HTML 250Page - STMicroelectronics UPSD3312D Datasheet HTML 251Page - STMicroelectronics UPSD3312D Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
DC and AC parameters
UPSD33xx
248/272
Doc ID 9685 Rev 7
Table 165.
Major parameters
Parameter
Test conditions/comments
5.0 V value
3.3 V value
Unit
Operating voltage
–
4.5 to 5.5 (PSD);
3.0 to 3.6 (MCU)
3.0 to 3.6
(PSD and MCU)
V
Operating temperature
–
–40 to 85
–40 to 85
°C
MCU frequency
8 MHz (min) for I2C
1 Min, 40 Max
1 Min, 40 Max
MHz
Typical Active current (20% of
PLD used; 25 °C operation)
40 MHz crystal, Turbo
50
40
mA
40 MHz crystal, Non-Turbo
48
38
mA
8 MHz crystal, Turbo
21
18
mA
8 MHz crystal, Non-Turbo
10
8
mA
Typical Idle current (20% of PLD
used; 25 °C operation)
40 MHz crystal divided by 2048
internally.
All interfaces are disabled.
16
11
mA
Typical Standby current
Power-down mode
needs reset to exit.
140
120
µA
I/O sink/source current, Ports A,
B, C, and D
VOL = 0.45 V (max);
VOH = 2.4 V (min)
IOL = 8 (max);
IOH = –2 (min)
IOL = 4 (max);
IOH = –1 (min)
mA
I/O sink/source current, Port 4
VOL = 0.6 V (max);
VOH = 2.4 V (min)
IOL = 10 (max);
IOH = –10 (min)
IOL = 10 (max);
IOH = –10 (min)
mA
PLD macrocells
For registered or
combinatorial logic
16
16
–
PLD inputs
Inputs from pins, feedback,
or MCU addresses
69
69
–
PLD Outputs
Output to pins or
internal feedback
18
18
–
Typical PLD propagation delay,
Turbo mode
PLD input to output
15
22
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com