Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 249 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 249 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 245Page - STMicroelectronics UPSD3312D Datasheet HTML 246Page - STMicroelectronics UPSD3312D Datasheet HTML 247Page - STMicroelectronics UPSD3312D Datasheet HTML 248Page - STMicroelectronics UPSD3312D Datasheet HTML 249Page - STMicroelectronics UPSD3312D Datasheet HTML 250Page - STMicroelectronics UPSD3312D Datasheet HTML 251Page - STMicroelectronics UPSD3312D Datasheet HTML 252Page - STMicroelectronics UPSD3312D Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
DC and AC parameters
Doc ID 9685 Rev 7
249/272
Table 166.
Preliminary MCU module DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC,
AVCC
Supply voltage(1)
1.
Power supply (VCC , AVCC) is always 3.0 to 3.6V for the MCU module. VDD for the PSD module may be 3V or 5 V.
3.0
3.6
V
VIH
High level input voltage
(Ports 1, 3, 4, MCUAD0-7, MCUA8-11, XTAL1,
RESET)
5 V tolerant - max voltage 5.5 V
3.0 V < VCC < 3.6 V
0.7VCC
5.5(2)
2.
Port 1 is not 5 V tolerant; maximum VIH = VCC + 0.5
V
VIL
Low level input voltage
(Ports 1, 3, 4, MCUAD0-7, MCUA8-11, XTAL1,
RESET)
3.0 V < VCC < 3.6 V VSS – 0.5
0.3VCC
V
VOL1
Output low voltage (Port 4)
IOL = 10 mA
0.6
V
VOL2
Output low voltage (Other Ports)
IOL =5 mA
0.6
V
VOH1
Output high voltage (Ports 4 push-pull)
IOH = –10 mA
2.4
V
VOH2
Output high voltage (Port 0 push-pull)
IOH = –5 mA
2.4
V
VOH3
Output high voltage (Other Ports Bi-directional
mode)
IOH = –20 µA
2.4
V
VOP
XTAL open bias voltage (XTAL1, XTAL2)
IOL = 3.2 mA
1.0
2.0
V
IRST
RESET pin pull-up current (RESET)
VIN = VSS
–10
–55
µA
IFR
XTAL feedback resistor current (XTAL1)
XTAL1 = VCC;
XTAL2 = VSS
–20
50
µA
IIHL1
Input high leakage current (Port 0)
VSS < VIN < 5.5 V
–10
10
µA
IIHL2
Input high leakage current (Port 1, 2, 3, 4)
VIH = 2.3 V
–10
10
µA
IILL
Input low leakage current (Port 1, 2, 3, 4)
VIL < 0.5 V
–10
10
µA
IPD
(3)
3.
IPD (Power-down mode) is measured with: XTAL1 = VSS; XTAL2 = NC; RESET = VCC; Port 0 = VCC; all other pins are
disconnected.
Power-down mode
VCC = 3.6 V
65
95
µA
ICC-CPU
(4)(5)(6)
4.
ICC-CPU (Active mode) is measured with: XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V,
XTAL2 = NC; RESET = VSS; Port 0 = VCC; all other pins are disconnected. ICC would be slightly higher if a crystal oscillator
is used (approximately 1 mA).
5.
ICC-CPU (Idle mode) is measured with: XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V, XTAL2
= NC; RESET = VCC; Port 0 = VCC; all other pins are disconnected. ICC would be slightly higher if a crystal oscillator is used
(approximately 1 mA). All IP clocks are disabled.
6.
I/O current = 0 mA, all I/O pins are disconnected.
Active - 12 MHz
VCC = 3.6 V
14
20
mA
Idle - 12 MHz
10
12
mA
Active - 24 MHz
VCC = 3.6 V
19
30
mA
Idle - 24 MHz
13
17
mA
Active - 40 MHz
VCC = 3.6 V
26
40
mA
Idle - 40 MHz
17
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com