Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 250 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 250 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 246Page - STMicroelectronics UPSD3312D Datasheet HTML 247Page - STMicroelectronics UPSD3312D Datasheet HTML 248Page - STMicroelectronics UPSD3312D Datasheet HTML 249Page - STMicroelectronics UPSD3312D Datasheet HTML 250Page - STMicroelectronics UPSD3312D Datasheet HTML 251Page - STMicroelectronics UPSD3312D Datasheet HTML 252Page - STMicroelectronics UPSD3312D Datasheet HTML 253Page - STMicroelectronics UPSD3312D Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
DC and AC parameters
UPSD33xx
250/272
Doc ID 9685 Rev 7
Table 167.
PSD module DC characteristics (with 5 V VDD)
Symbol
Parameter
Test condition
(in addition to Table 166
on page 249)
Min.
Typ.
Max.
Unit
VIH
Input high voltage
4.5 V < VDD < 5.5 V
2
VDD
+0.5
V
VIL
Input low voltage
4.5 V < VDD < 5.5 V
–0.5
0.8
V
VLKO
VDD (min) for Flash Erase and
Program
2.5
4.2
V
VOL
Output low voltage
IOL = 20 µA, VDD = 4.5 V
0.01
0.1
V
IOL = 8 mA, VDD = 4.5 V
0.25
0.45
V
VOH
Output high voltage
IOH = –20 µA, VDD = 4.5 V
4.4
4.49
V
IOH = –2 mA, VDD = 4.5 V
2.4
3.9
V
ISB
Standby supply current
for Power-down mode
CSI > VDD – 0.3 V
(1)(2)
1.
Internal Power-down mode is active.
2.
PLD is in non-Turbo mode, and none of the inputs are switching.
120
250
µA
ILI
Input leakage current
VSS < VIN < VDD
–1
±0.1
1
µA
ILO
Output leakage current
0.45 < VOUT < VDD
–10
±5
10
µA
ICC
(DC)(3)
3.
IOUT = 0 mA
Operating
supply current
PLD only
PLD_TURBO = Off,
f = 0 MHz(4)
0
µA/PT
PLD_TURBO = On,
f = 0 MHz
400
700
µA/PT
Flash memory
During Flash memory
WRITE/Erase only
15
30
mA
Read only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ICC
(AC)(3)
PLD AC Adder
(4)
4.
Please see Figure 84 on page 242 for the PLD current calculation.
Flash memory AC Adder
1.5
2.5
mA/MHz
SRAM AC Adder
1.5
3.0
mA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com