Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 253 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 253 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 249Page - STMicroelectronics UPSD3312D Datasheet HTML 250Page - STMicroelectronics UPSD3312D Datasheet HTML 251Page - STMicroelectronics UPSD3312D Datasheet HTML 252Page - STMicroelectronics UPSD3312D Datasheet HTML 253Page - STMicroelectronics UPSD3312D Datasheet HTML 254Page - STMicroelectronics UPSD3312D Datasheet HTML 255Page - STMicroelectronics UPSD3312D Datasheet HTML 256Page - STMicroelectronics UPSD3312D Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
DC and AC parameters
Doc ID 9685 Rev 7
253/272
Table 170.
n, m, and x, y values
Figure 88.
External WRITE cycle (80-pin device only)
Table 171.
External WRITE cycle AC characteristics (3 V or 5 V device)
# of PFQCLK in BUSCON register
PSEN (code) cycle
READ cycle
WRITE cycle
nm
n
m
x
y
3
1
2
----
4
2
3
2321
5
3
4
3432
6
4
5
4543
7
-
-
5654
MCU
A8 - A11
MCU
AD0 - AD7
ALE
WR
PSEN
A8-A11
A8-A11
tLLWL
tWLWH
tAVLL
tLHLL
tQVWH
DATA OUT
A0-A7
INSTR IN
A0-A7
tLLAX
tAVWL
tWHQX
tWHLH
AI07877
Symbol
Parameter
40 MHz oscillator(1)
1.
BUSCON register is configured for 4 PFQCLK.
Variable oscillator
1/tCLCL = 8 to 40 MHz
Unit
Min
Max
Min
Max
tLHLL
ALE pulse width
17
tCLCL – 8
ns
tAVLL
Address Setup to ALE
13
tCLCL – 12
ns
tLLAX
Address hold after ALE
7.5
0.5tCLCL – 5
ns
tWLWH
WR pulse width(2)
2.
Refer to Table 172 for “n” and “m” values.
40
xtCLCL – 10
ns
tLLWL
ALE to WR
7.5
0.5tCLCL – 5
ns
tAVWL
Address valid to WR
27.5
1.5tCLCL – 10
ns
tWHLH
WR high to ALE high
6.5
14.5
0.5tCLCL – 6
0.5tCLCL + 2
ns
tQVWH
Data setup before WR(y)
20
ytCLCL – 5
ns
tWHQX
Data hold after WR
6.5
14.5
0.5tCLCL – 6
0.5tCLCL + 2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com