Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 257 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 257 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 253Page - STMicroelectronics UPSD3312D Datasheet HTML 254Page - STMicroelectronics UPSD3312D Datasheet HTML 255Page - STMicroelectronics UPSD3312D Datasheet HTML 256Page - STMicroelectronics UPSD3312D Datasheet HTML 257Page - STMicroelectronics UPSD3312D Datasheet HTML 258Page - STMicroelectronics UPSD3312D Datasheet HTML 259Page - STMicroelectronics UPSD3312D Datasheet HTML 260Page - STMicroelectronics UPSD3312D Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
DC and AC parameters
Doc ID 9685 Rev 7
257/272
Table 177.
CPLD macrocell synchronous Clock mode timing (3 V PSD module)
Figure 91.
Asynchronous RESET / Preset
Figure 92.
Asynchronous Clock mode timing (product term clock)
Symbol
Parameter
Conditions
Min
Max
PT Aloc
Turbo
Off
Slew
rate(1)
1.
Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD1. Decrement times by given amount.
Unit
fMAX
Maximum frequency
external feedback
1/(tS+tCO)23.2
MHz
Maximum frequency
internal feedback
(fCNT)
1/(tS+tCO–
10)
30.3
MHz
Maximum frequency
pipelined data
1/(tCH+tCL)40.0
MHz
tS
Input setup time
20
+ 4
+ 15
ns
tH
Input hold time
0
ns
tCH
Clock high time
Clock Input
15
ns
tCL
Clock low time
Clock Input
10
ns
tCO
Clock to output delay
Clock Input
23
– 6
ns
tARD
CPLD array delay
Any
macrocell
20
+ 4
ns
tMIN
Minimum clock
period(2)
2.
CLKIN (PD1) tCLCL = tCH + tCL.
tCH+tCL
25
ns
tARP
REGISTER
OUTPUT
tARPW
RESET/PRESET
INPUT
AI02864
tCHA
tCLA
tCOA
tHA
tSA
CLOCK
INPUT
REGISTERED
OUTPUT
AI02859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com