Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 261 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 261 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 257Page - STMicroelectronics UPSD3312D Datasheet HTML 258Page - STMicroelectronics UPSD3312D Datasheet HTML 259Page - STMicroelectronics UPSD3312D Datasheet HTML 260Page - STMicroelectronics UPSD3312D Datasheet HTML 261Page - STMicroelectronics UPSD3312D Datasheet HTML 262Page - STMicroelectronics UPSD3312D Datasheet HTML 263Page - STMicroelectronics UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
DC and AC parameters
Doc ID 9685 Rev 7
261/272
Figure 94.
Peripheral I/O READ timing
Table 183.
Port A peripheral data mode READ timing (5 V PSD module)
Table 184.
Port A peripheral data mode READ Timing (3 V PSD module)
tRLQV (PA)
tDVQV (PA)
tRHQZ (PA)
tSLQV (PA)
tAVQV (PA)
ADDRESS
DATA VALID
ALE
A /D BUS
RD
DATA ON PORT A
CSI
AI06610
Symbol
Parameter
Conditions
Min
Max
Turbo
off
Unit
tAVQV–PA
Address valid to data valid
(1)
1.
Any input used to select Port A Data Peripheral mode.
37
+ 10
ns
tSLQV–PA
CSI valid to data valid
27
+ 10
ns
tRLQV–PA
RD to data valid
(2)
2.
Data is already stable on Port A.
32
ns
tDVQV–PA
Data In to data out valid
22
ns
tRHQZ–PA RD to data high-Z
23
ns
Symbol
Parameter
Conditions
Min
Max
Turbo off Unit
tAVQV–PA
Address valid to data valid
(1)
1.
Any input used to select Port A Data Peripheral mode.
50
+ 15
ns
tSLQV–PA
CSI valid to data valid
37
+ 15
ns
tRLQV–PA
RD to data valid
(2)
2.
Data is already stable on Port A.
45
ns
tDVQV–PA
Data In to data out valid
38
ns
tRHQZ–PA RD to data high-Z
36
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com