Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 263 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 263 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 259Page - STMicroelectronics UPSD3312D Datasheet HTML 260Page - STMicroelectronics UPSD3312D Datasheet HTML 261Page - STMicroelectronics UPSD3312D Datasheet HTML 262Page - STMicroelectronics UPSD3312D Datasheet HTML 263Page - STMicroelectronics UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics UPSD3312D Datasheet HTML 266Page - STMicroelectronics UPSD3312D Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
DC and AC parameters
Doc ID 9685 Rev 7
263/272
Figure 96.
ISC timing
Table 188.
ISC timing (5 V PSD module)
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) frequency (except for PLD)
(1)
1.
For non-PLD Programming, Erase or in ISC By-pass mode.
20
MHz
tISCCH
Clock (TCK, PC1) high time (except for PLD)
(1)
23
ns
tISCCL
Clock (TCK, PC1) low time (except for PLD)
(1)
23
ns
tISCCFP
Clock (TCK, PC1) frequency (PLD only)
(2)
2.
For Program or Erase PLD only.
4MHz
tISCCHP
Clock (TCK, PC1) high time (PLD only)
(2)
90
ns
tISCCLP
Clock (TCK, PC1) low time (PLD only)
(2)
90
ns
tISCPSU
ISC Port setup time
7
ns
tISCPH
ISC Port hold up time
5
ns
tISCPCO ISC Port clock to output
21
ns
tISCPZV
ISC Port high-impedance to valid output
21
ns
tISCPVZ
ISC Port valid output to high-impedance
21
ns
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com