Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 264 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 264 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 260Page - STMicroelectronics UPSD3312D Datasheet HTML 261Page - STMicroelectronics UPSD3312D Datasheet HTML 262Page - STMicroelectronics UPSD3312D Datasheet HTML 263Page - STMicroelectronics UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics UPSD3312D Datasheet HTML 266Page - STMicroelectronics UPSD3312D Datasheet HTML 267Page - STMicroelectronics UPSD3312D Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
DC and AC parameters
UPSD33xx
264/272
Doc ID 9685 Rev 7
Table 189.
ISC timing (3 V PSD module)
Figure 97.
MCU module AC measurement I/O waveform
1.
AC inputs during testing are driven at VCC–0.5 V for a logic '1,' and 0.45 V for a logic '0.'
2.
Timing measurements are made at VIH(min) for a logic '1,' and VIL(max) for a logic '0'
Figure 98.
PSD module AC float I/O waveform
1.
For timing purposes, a Port pin is considered to be no longer floating when a 100mV change from load
voltage occurs, and begins to float when a 100mV change from the loaded VOH or VOL level occurs
2.
IOL and IOH ≥ 20 mA
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) frequency (except for PLD)
(1)
1.
For non-PLD Programming, Erase or in ISC By-pass mode.
12
MHz
tISCCH
Clock (TCK, PC1) high time (except for PLD)
(1)
40
ns
tISCCL
Clock (TCK, PC1) low time (except for PLD)
(1)
40
ns
tISCCFP Clock (TCK, PC1) frequency (PLD only)
(2)
2.
For Program or Erase PLD only.
4MHz
tISCCHP Clock (TCK, PC1) high time (PLD only)
(2)
90
ns
tISCCLP Clock (TCK, PC1) low time (PLD only)
(2)
90
ns
tISCPSU ISC Port setup time
12
ns
tISCPH
ISC Port hold up time
5
ns
tISCPCO ISC Port clock to output
30
ns
tISCPZV ISC Port high-impedance to valid output
30
ns
tISCPVZ ISC Port valid output to high-impedance
30
ns
AI06650
VCC – 0.5V
0.45V
Test Points
0.2 VCC – 0.1V
0.2 VCC + 0.9V
AI06651
Test Reference Points
VOL + 0.1V
VOH – 0.1V
VLOAD – 0.1V
VLOAD + 0.1V
0.2 VCC – 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com