Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 267 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 267 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 263Page - STMicroelectronics UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics UPSD3312D Datasheet HTML 266Page - STMicroelectronics UPSD3312D Datasheet HTML 267Page - STMicroelectronics UPSD3312D Datasheet HTML 268Page - STMicroelectronics UPSD3312D Datasheet HTML 269Page - STMicroelectronics UPSD3312D Datasheet HTML 270Page - STMicroelectronics UPSD3312D Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Package mechanical information
Doc ID 9685 Rev 7
267/272
Figure 102. LQFP52 – 52-lead plastic thin, quad, flat package outline
1.
Drawing not to scale.
Table 191.
LQFP52 – 52-lead plastic thin, quad, flat package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.0059
A2
1.35
1.45
0.0531
0.0571
b
0.22
0.38
0.0087
0.015
C
0.09
0.2
0.0035
0.0079
D
12
0.4724
D1
10
0.3937
D2
7.8
0.3071
E
12
0.4724
E1
10
0.3937
E2
7.8
0.3071
e
0.65
0.0256
L
0.45
0.75
0.0177
0.0295
L1
1
0.0394
k
0°7°
0°7°
ddd
0.100
0.0039
Seating plane
A
A2
A1
D
D1
D2
E2 E1
E
39
27
26
40
52
1
13
14
Pin 1 identification
e
b
L1
L
k
0.25 mm
.010 inch
Gage plane
c
ddd C
DC_ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com