Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 269 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 269 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics UPSD3312D Datasheet HTML 266Page - STMicroelectronics UPSD3312D Datasheet HTML 267Page - STMicroelectronics UPSD3312D Datasheet HTML 268Page - STMicroelectronics UPSD3312D Datasheet HTML 269Page - STMicroelectronics UPSD3312D Datasheet HTML 270Page - STMicroelectronics UPSD3312D Datasheet HTML 271Page - STMicroelectronics UPSD3312D Datasheet HTML 272Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 269 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Part numbering
Doc ID 9685 Rev 7
269/272
32
Part numbering
For a list of available options (e.g., Speed, Package) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 193.
Ordering information scheme
Example:
UPSD
33
3
4
D
V
– 40
U
6
T
Device Type
UPSD = Microcontroller PSD
Family
33 = Turbo core
SRAM Size
1 = 2 Kbyte
3 = 8 Kbyte
5 = 32 Kbyte
Main Flash memory Size
2 = 64 Kbyte
3 = 128 Kbyte
4 = 256 Kbyte
IP Mix
D = IP Mix: I2C, SPI, UART(2), IrDA, ADC, Supervisor, PCA
Operating voltage
blank = VCC = 4.5 to 5.5 V
V = VCC = 3.0 to 3.6V
Speed
–40 = 40 MHz
Package
T = 52-pin LQFP ECOPACK-compliant package
U = 80-pin LQFP ECOPACK-compliant package
Temperature Range
6 = –40 to 85 °C
Shipping Option
Tape & Reel Packing = T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com