Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 271 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 271 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics UPSD3312D Datasheet HTML 266Page - STMicroelectronics UPSD3312D Datasheet HTML 267Page - STMicroelectronics UPSD3312D Datasheet HTML 268Page - STMicroelectronics UPSD3312D Datasheet HTML 269Page - STMicroelectronics UPSD3312D Datasheet HTML 270Page - STMicroelectronics UPSD3312D Datasheet HTML 271Page - STMicroelectronics UPSD3312D Datasheet HTML 272Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 271 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Revision history
Doc ID 9685 Rev 7
271/272
34
Revision history
Table 194.
Document revision history
Date
Target
revision
Revision
Changes
July 1, 2003
Version was
kept internal
1.0
First Issue
15-Jul-03
Version was
kept internal
1.1
Update register information, electrical characteristics (Table 17, 46,
132, 133, 134, 135; Figure 68)
03-Sep-03
1.3
1.2
Update references for Product Catalog
05-Feb-04
Version was
kept internal
2.0
Reformatted; corrected mechanical dimensions (Table 158)
07-May-04
3
3.0
Reformatted; update characteristics (Figure 2, Figure 3, Figure 50
through to Figure 83; Table 60, Table 95, Table 112 through to
Table 155, Table 158, Table 166 toTable 168, Table 173)
14-Sep-04
4
4.0
Reformatted; updated Feature Summary; added table (Table 165);
updated graphics, mechanical dimensions (Figure 2, 3, 36, 39, 50,
75, 79; Table 2, 3, 6, 7, 8, 9, 10, 11, 50, 52, 56, 73, 114, 121, 156,
157, 158, 166, 191, 192)
29-Oct-04
5
5.0
Corrected LQFP80 mechanical dimensions (Table 192)
21-Jan-05
6
6.0
Updated characteristics, SPI section ( Figure 2, 40, 41, 44; Table 85,
87, 89, 91, 165, 175, 177, 179, 181, 182, 188, 189)
13-Jun-05
Version was
kept internal
7.0
Added TCM5 signal name to P4.6 in Table 2 on page 22
Changed register function descriptions for CAPCOMxx registers in
Table 98 on page 154
Added 10B_PWM to bit 2 in Table 103 and Table 105 on page 160
Changed values in Table 175 on page 255 (Turbo Off column)
Changed values in Table 184 on page 261 (Turbo Off column)
Changed tISCCFP value in Table 188 on page 263 and Table 189 on
page 264
Added Section 33: Important notes on page 270
Table 166 on page 249: modified notes, adding text that Port 1 is not
5 V tolerant, changed parameter description for VIH and VIL.
05-May-09
7
-
Document reformatted and disclaimer text updated.
Updated datasheet status to “full datasheet”, and changed RPNs
from uPSD33xx to UPSD33xx.
New Important note added, Section 33.2 on page 270
Changed VREF to AVREF throughout document.
Changed WDTKEY to WDKEY throughout document.
Updated Figure 13 on page 69 with correct labeling of CCON[2:0].
Updated Figure 36 on page 120.
Updated supply voltage symbols in tables updated, Table 160,
Table 161, Table 162, Table 166, Table 173.
Added ECOPACK text in cover page and in section Section 31:
Package mechanical information.
SRAM standby mode removed. Backup battery feature removed.
Section 31: Package mechanical information on page 266 updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com